Part Number Hot Search : 
00104 C15XS 2SC16 00030 AD7450 WP503IDT KNP400 1N3329B
Product Description
Full Text Search
 

To Download PC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713 - 6272 (888) 997 - 3933 fax: (972)735 - 0964 e - mail: sales@pickercomponents.com pctxl rev a 7/30/14 dimensions are listed for reference purposes only. specifcatons and availability subject to change without notce. 50 amp latching pcb relay preliminary PC10 features ? energy saving latching operaton ? 50 amp switching capacity ? 5,000 wat lamp load ? 5 hp motor load ? max inrush current 500 amp / 2 msec ? 4kv dielectric between contacts and coil ? single or dual coil latching ? manual topside switch ? 39.0 x 25.0 x 15.0mm package dimensions, narrowest in the industry ? lead free and rohs compliant ul/csa ratngs at 25c (pending) contact data e93379 PC10 voltage 1 form a load type (spst - no) resistve 6,000 cycles 277 vac 50 a incandescent lamp 3,000 cycles 240 vac 5,000 w incandescent lamp 3,000 cycles 277 vac 16 a electronic ballast 6,000 cycles 280 vac 16 a motor load 3,000 cycles 277 vac 5 hp material agsno2 service life inital contact resistance 20m? inital electrical see contact data maximum switching voltage 440vac mechanical 1 x 10 ? operatons maximum switching current 50 a maximum switching power 12,500 va coil data dual coil on next page single coil resistance (ohms 10%) must operate pulse coil operate reset coil voltage voltage max magnitude power time time rated maximum (vdc) (msec) (wats) (msec) (msec) 6 7 24 4.8 50 1.5 15 15 9 10.6 54 7.2 12 14.4 96 9.6 24 28.8 384 19.2 48 56 1,536 38.4
3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713 - 6272 (888) 997 - 3933 fax: (972)735 - 0964 e - mail: sales@pickercomponents.com pctxl rev a 7/30/14 dimensions are listed for reference purposes only. specifcatons and availability subject to change without notce. pct90xl pct90xl characteristics ordering information operate time 15 msec release time 15 msec insulaton resistance 1,000 m? min @ 500vdc dielectric strength between contact and coil 50 hz 4.000v 1 minute between contacts 50 hz 1,500v 1 minute creepage distance 8 mm shock resistance functonal 98 m/s 2 11 msec survival 980 m/s 2 11 msec vibraton resistance 10 - 55 hz double amplitude 1.5mm terminal strength 10 n solderability 235 ? c 2 ? c 3 sec 0.5 sec operatng temperature - 40 ? c to +70 ? c storage temperature - 40 ? c to +125 ? c relatve humidity 85% at 40 ? c weight 32 grams example: PC10l - 1a - 12 d - x model: PC10l contact form: 1a coil voltage: 3, 9, 12, 24, 48 enclosure: nil: dust cover coil: nil: single coil 1.5w, d: double coil 2x3.0 w polarity: nil: standard, r: reverse polarity rohs compliant: - x dual coil resistance (ohms 10%) must operate pulse coil operate reset coil voltage voltage max magnitude power time time rated maximum (vdc) (msec) (wats) (msec) (msec) 6 7 12 + 12 4.8 50 2 x 3.0 15 15 9 10.6 27 + 27 7.2 12 14.4 48 + 48 9.6 24 28.8 192 + 192 19.2 48 56 768 + 768 38.4 coil data contnued
3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713 - 6272 (888) 997 - 3933 fax: (972)735 - 0964 e - mail: sales@pickercomponents.com pctxl rev a 7/30/14 dimensions are listed for reference purposes only. specifcatons and availability subject to change without notce. pct90xl pct90xl dimensions (mm / inches) schematic pin layout (mm / inches) notes: with the dual coil version, the latch and reset coils should not be pulsed at the same tme for it is possible to set the rel ay into a magnetcally neutral positon. coils should not be pulsed with less than the rated coil voltage and the pulse width should be a minimum of three tmes the specifed operate tme. if not, it is possible for the relay to setle in a magnetcally neutral pos iton. must operate voltage is listed for test purposes only and is not to be used as design criteria. 1a 1a reverse 1a dual 1a dual reverse


▲Up To Search▲   

 
Price & Availability of PC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X